PART |
Description |
Maker |
CY7C1354CV25-166AXC CY7C1356CV25-166AXC CY7C1354CV |
9-Mbit (256 K 36/512 K 18) Pipelined SRAM with NoBLArchitecture 9-Mbit (256 K × 36/512 K × 18) Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor
|
M58PV001LE96ZB5 M58PR001LE M58PR001LE96ZB5 M58PR25 |
256-Mbit, 512-Mbit or 1-Gbit (× 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
|
STMicroelectronics
|
JS28F256P33BFA 320003 |
NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
|
Numonyx B.V
|
CY7C1361C-133AJXCT |
9-Mbit (256 K 36/512 K 18) Flow-Through SRAM
|
Cypress
|
CY7C1354C-200AXC CY7C1354C-200BGC CY7C1354C-200AXI |
9-Mbit (256 K × 36/512 K × 18) Pipelined SRAM with NoBL Architecture 9-Mbit (256 K × 36/512 K × 18) Pipelined SRAM with NoBL?/a> Architecture
|
Cypress Semiconductor
|
CY14B104K-ZS45XI CY14B104K-ZS25XI CY14B104K-ZS25XI |
4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
|
Cypress Semiconductor
|
CY7C425-65PC CY7C425-25VI CY7C429-25JI CY7C421-65J |
256/512/1K/2K/4K x 9 Asynchronous FIFO 2K X 9 OTHER FIFO, 15 ns, CDIP28 256/512/1K/2K/4K x 9 Asynchronous FIFO 2K X 9 OTHER FIFO, 25 ns, CDIP28 256/512/1K/2K/4K x 9 Asynchronous FIFO 512 X 9 OTHER FIFO, 65 ns, PQCC32 256/512/1K/2K/4K x 9 Asynchronous FIFO 2K X 9 OTHER FIFO, 25 ns, PQCC32 256/512/1K/2K/4K x 9 Asynchronous FIFO 2K X 9 OTHER FIFO, 15 ns, PQCC32 256/512/1K/2K/4K x 9 Asynchronous FIFO 1K X 9 OTHER FIFO, 25 ns, PDSO28 256/512/1K/2K/4K x 9 Asynchronous FIFO 512 X 9 OTHER FIFO, 65 ns, PDIP28 256/512/1K/2K/4K x 9 Asynchronous FIFO 1K X 9 OTHER FIFO, 30 ns, PDSO28
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
IDT7202 IDT7200L12J IDT7200L12J8 IDT7200L12SO IDT7 |
1K x 9 AsyncFIFO, 5.0V 512 x 9 AsyncFIFO, 5.0V 256 x 9 AsyncFIFO, 5.0V CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
|
IDT
|
AM41PDS3224DT10IS AM41PDS3224DT100IS AM41PDS3224DT |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|